| Moteur de recherche de fiches techniques de composants électroniques |
|
521 Fiches technique(PDF) 58 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
521 Fiches technique(HTML) 58 Page - Intel Corporation |
|
58 / 96 page ![]() Land Listing and Signal Descriptions 58 Datasheet F19 VSS Power/Other F20 D41# Source Synch Input/Output F21 D43# Source Synch Input/Output F22 VSS Power/Other F23 RESERVED F24 TESTHI7 Power/Other Input F25 TESTHI2 Power/Other Input F26 TESTHI0 Power/Other Input F28 BCLK0 Clock Input F29 RESERVED G1 VSS Power/Other G2 FC1 Power/Other Input G3 TESTHI8 Power/Other Input G4 TESTHI9 Power/Other Input G5 FC7 Source Synch Output G6 RESERVED G7 DEFER# Common Clock Input G8 BPRI# Common Clock Input G9 D16# Source Synch Input/Output G10 RESERVED G11 DBI1# Source Synch Input/Output G12 DSTBN1# Source Synch Input/Output G13 D27# Source Synch Input/Output G14 D29# Source Synch Input/Output G15 D31# Source Synch Input/Output G16 D32# Source Synch Input/Output G17 D36# Source Synch Input/Output G18 D35# Source Synch Input/Output G19 DSTBP2# Source Synch Input/Output G20 DSTBN2# Source Synch Input/Output G21 D44# Source Synch Input/Output G22 D47# Source Synch Input/Output G23 RESET# Common Clock Input G24 TESTHI6 Power/Other Input G25 TESTHI3 Power/Other Input G26 TESTHI5 Power/Other Input G27 TESTHI4 Power/Other Input G28 BCLK1 Clock Input G29 BSEL0 Power/Other Output G30 BSEL2 Power/Other Output H1 GTLREF Power/Other Input Table 4-2. Numerical Land Assignment Land # Land Name Signal Buffer Type Direction H2 FC6 Power/Other Input H3 VSS Power/Other H4 RSP# Common Clock Input H5 TESTHI10 Power/Other Input H6 VSS Power/Other H7 VSS Power/Other H8 VSS Power/Other H9 VSS Power/Other H10 VSS Power/Other H11 VSS Power/Other H12 VSS Power/Other H13 VSS Power/Other H14 VSS Power/Other H15 DP1# Common Clock Input/Output H16 DP2# Common Clock Input/Output H17 VSS Power/Other H18 VSS Power/Other H19 VSS Power/Other H20 VSS Power/Other H21 VSS Power/Other H22 VSS Power/Other H23 VSS Power/Other H24 VSS Power/Other H25 VSS Power/Other H26 VSS Power/Other H27 VSS Power/Other H28 VSS Power/Other H29 GTLREF_SEL Power/Other Output H30 BSEL1 Power/Other Output J1 VTT_OUT_LEFT Power/Other Output J2 FC3 Power/Other Input J3 RESERVED J4 VSS Power/Other J5 REQ1# Source Synch Input/Output J6 REQ4# Source Synch Input/Output J7 VSS Power/Other J8 VCC Power/Other J9 VCC Power/Other J10 VCC Power/Other J11 VCC Power/Other J12 VCC Power/Other Table 4-2. Numerical Land Assignment Land # Land Name Signal Buffer Type Direction |