| Moteur de recherche de fiches techniques de composants électroniques |
|
521 Fiches technique(PDF) 57 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
521 Fiches technique(HTML) 57 Page - Intel Corporation |
|
57 / 96 page ![]() Land Listing and Signal Descriptions Datasheet 57 C24 VSS Power/Other C25 VTT Power/Other C26 VTT Power/Other C27 VTT Power/Other C28 VTT Power/Other C29 VTT Power/Other C30 VTT Power/Other D1 RESERVED D2 ADS# Common Clock Input/Output D3 VSS Power/Other D4 HIT# Common Clock Input/Output D5 VSS Power/Other D6 VSS Power/Other D7 D20# Source Synch Input/Output D8 D12# Source Synch Input/Output D9 VSS Power/Other D10 D22# Source Synch Input/Output D11 D15# Source Synch Input/Output D12 VSS Power/Other D13 D25# Source Synch Input/Output D14 RESERVED D15 VSS Power/Other D16 RESERVED D17 D49# Source Synch Input/Output D18 VSS Power/Other D19 DBI2# Source Synch Input/Output D20 D48# Source Synch Input/Output D21 VSS Power/Other D22 D46# Source Synch Input/Output D23 RESERVED D24 VSS Power/Other D25 VTT Power/Other D26 VTT Power/Other D27 VTT Power/Other D28 VTT Power/Other D29 VTT Power/Other D30 VTT Power/Other E2 VSS Power/Other E3 TRDY# Common Clock Input E4 HITM# Common Clock Input/Output E5 RESERVED Table 4-2. Numerical Land Assignment Land # Land Name Signal Buffer Type Direction E6 RESERVED E7 RESERVED E8 VSS Power/Other E9 D19# Source Synch Input/Output E10 D21# Source Synch Input/Output E11 VSS Power/Other E12 DSTBP1# Source Synch Input/Output E13 D26# Source Synch Input/Output E14 VSS Power/Other E15 D33# Source Synch Input/Output E16 D34# Source Synch Input/Output E17 VSS Power/Other E18 D39# Source Synch Input/Output E19 D40# Source Synch Input/Output E20 VSS Power/Other E21 D42# Source Synch Input/Output E22 D45# Source Synch Input/Output E23 RESERVED E24 RESERVED E25 VSS Power/Other E26 VSS Power/Other E27 VSS Power/Other E28 VSS Power/Other E29 VSS Power/Other F2 FC5 Common Clock Input F3 BR0# Common Clock Input/Output F4 VSS Power/Other F5 RS1# Common Clock Input F6 RESERVED F7 VSS Power/Other F8 D17# Source Synch Input/Output F9 D18# Source Synch Input/Output F10 VSS Power/Other F11 D23# Source Synch Input/Output F12 D24# Source Synch Input/Output F13 VSS Power/Other F14 D28# Source Synch Input/Output F15 D30# Source Synch Input/Output F16 VSS Power/Other F17 D37# Source Synch Input/Output F18 D38# Source Synch Input/Output Table 4-2. Numerical Land Assignment Land # Land Name Signal Buffer Type Direction |