Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

521 Fiches technique(PDF) 7 Page - Intel Corporation

No de pièce 521
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

521 Fiches technique(HTML) 7 Page - Intel Corporation

Back Button 521 Datasheet HTML 3Page - Intel Corporation 521 Datasheet HTML 4Page - Intel Corporation 521 Datasheet HTML 5Page - Intel Corporation 521 Datasheet HTML 6Page - Intel Corporation 521 Datasheet HTML 7Page - Intel Corporation 521 Datasheet HTML 8Page - Intel Corporation 521 Datasheet HTML 9Page - Intel Corporation 521 Datasheet HTML 10Page - Intel Corporation 521 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
Datasheet
7
Contents
Revision History
§
Revision No.
Description
Date of Release
-001
•
Initial release
June 2004
-002
•
Added specifications for processor number 550 with PRB = 0
•
Added support for Execute Disable Bit capability
•
Added Icc Enhanced Auto Halt specifications
•
Added support for Thermal Monitor 2
September 2004
-003
•
Added specifications for processor number 570 with PRB = 1
November 2004
-004
•
Added specifications for processor numbers 571, 561, 551, 541,
531, and 521.
•
Modified Table 2-3, “FSB Signal Groups“.
•
Added Note 5 to Table 2-18.
•
Updated Figure 3-5 Top SIde Marking Example and added
Figure 3-6.
•
Minor edits throughout for clarity.
May 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96