Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP46X Fiches technique(PDF) 54 Page - Intel Corporation

No de pièce IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Fiches technique(HTML) 54 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 50Page - Intel Corporation IXP46X Datasheet HTML 51Page - Intel Corporation IXP46X Datasheet HTML 52Page - Intel Corporation IXP46X Datasheet HTML 53Page - Intel Corporation IXP46X Datasheet HTML 54Page - Intel Corporation IXP46X Datasheet HTML 55Page - Intel Corporation IXP46X Datasheet HTML 56Page - Intel Corporation IXP46X Datasheet HTML 57Page - Intel Corporation IXP46X Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 148 page
background image
Package Information
August 2006
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet
54
Document Number: 306261-004US
UTP_OP_DATA[4] /
ETHA_TXEN
ZZ
Z
VO
TRI
UTOPIA Mode of Operation:
UTOPIA output data. Also known as UTP_TX_DATA. Used to send data from the processor to an
ATM UTOPIA Level 2-compliant PHY.
MII Mode of Operation:
Indicates that the PHY is being presented with nibbles on the MII interface. Asserted
synchronously, with respect to ETHA_TXCLK, at the first nibble of the preamble, and remains
asserted until all the nibbles of a frame are presented. This MAC does not contains hardware
hashing capabilities local to the interface.
SMII mode of operation:
Not used.
UTP_OP_DATA[6:5]
Z
Z
Z
VO
TRI
UTOPIA Mode of Operation:
UTOPIA output data. Also known as UTP_TX_DATA. Used to send data from the processor to an
ATM UTOPIA Level 2-compliant PHY.
UTP_OP_DATA[7] /
SMII_TXDATA[4]
ZZ
Z
VO
TRI
UTOPIA Mode of Operation:
UTOPIA output data. Also known as UTP_TX_DATA. Used to send data from the processor to an
ATM UTOPIA Level 2-compliant PHY.
MII Mode of Operation:
Not used.
SMII mode of operation:
Output data for SMII interface number four. The data on this signal is transmitted synchronously
with respect to the rising edge of SMII_CLK when operating as an SMII interface and
synchronously with respect to the rising edge of SMII_TXCLK when operating as a Source
Synchronous SMII interface
UTP_OP_ADDR[4:0]
Z
Z
Z
VO
I/O
Transmit PHY address bus. Used by the processor when operating in MPHY mode to poll and select
a single PHY at any given time.
When this interface/signal is enabled and is not being used in a system design, the interface/
signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the UTOPIA
and/or the NPE-A Ethernet soft fuse (refer to Expansion Bus Controller chapter of the Intel®
IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual) and is not
being used in a system design, this interface/signal is not required for any connection.
Table 14.
UTOPIA Level 2/MII_A/ SMII Interface (Sheet 2 of 7)
Name
Power
on
Reset†
Reset†
Normal
After
Reset
Until
Software
Enables
Possible
Configur
ations
After
Software
Enables
Type†
Description
Note:
This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor,
see Table 1 on page 13.
†
For a legend of the Type codes, see Table 8 on page 43.
††
For information on selecting the desired interface, see the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More