Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP46X Fiches technique(PDF) 36 Page - Intel Corporation

No de pièce IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Fiches technique(HTML) 36 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 32Page - Intel Corporation IXP46X Datasheet HTML 33Page - Intel Corporation IXP46X Datasheet HTML 34Page - Intel Corporation IXP46X Datasheet HTML 35Page - Intel Corporation IXP46X Datasheet HTML 36Page - Intel Corporation IXP46X Datasheet HTML 37Page - Intel Corporation IXP46X Datasheet HTML 38Page - Intel Corporation IXP46X Datasheet HTML 39Page - Intel Corporation IXP46X Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
36
Document Number: 306261-004US
3.2.9
Write Buffer
The write buffer (WB) holds data for storage to memory until the bus controller can act
on it. The WB is eight entries deep, where each entry holds 16 bytes. The WB is
constantly enabled and accepts data from the processor, D-cache, or mini-data cache.
Coprocessor 15, Register 1 specifies whether WB coalescing is enabled or disabled.
When coalescing is disabled, stores to memory occur in program order — regardless of
the attribute bits within the descriptors located in the DTLB.
When coalescing is enabled, the attribute bits within the descriptors located in the
DTLB are examined to determine when coalescing is enabled for the destination region
of memory. When coalescing is enabled in both CP15, R1 and the DTLB, data entering
the WB can coalesce with any of the eight entries (16 bytes) and be stored to the
destination memory region, but possibly out of program order.
Stores to a memory region specified to be non-cacheable and non-bufferable by the
attribute bits within the descriptors located in the DTLB causes the processor to stall
until the store completes. A coprocessor register can specify draining of the write
buffer.
3.2.10
Multiply-Accumulate Coprocessor
For efficient processing of high-quality, media-and-signal-processing algorithms, the
Multiply-Accumulate Coprocessor (CP0) provides 40-bit accumulation of 16 x 16, dual-
16 x 16 (SIMD), and 32 x 32 signed multiplies. Special MAR and MRA instructions are
implemented to move the 40-bit accumulator to two Intel XScale® processor general
registers (MAR) and move two Intel XScale® processor general registers to the 40-bit
accumulator (MRA). The 40-bit accumulator can be stored or loaded to or from D-
cache, mini-data cache, or memory using two STC or LDC instructions.
The 16 x 16 signed multiply-accumulates (MIAxy) multiply either the high/high, low/
low, high/low, or low/high 16 bits of a 32-bit Intel XScale® processor general register
(multiplier) and another 32-bit Intel XScale® processor general register (multiplicand)
to produce a full, 32-bit product that is sign-extended to 40 bits and added to the 40-
bit accumulator.
Dual-signed, 16 x 16 (SIMD) multiply-accumulates (MIAPH) multiply the high/high and
low/low 16-bits of a packed 32-bit, Intel XScale® processor general register (multiplier)
and another packed 32-bit, Intel XScale® processor general register (multiplicand) to
produce two 16-bits products that are both sign-extended to 40 bits and added to the
40-bit accumulator.
The 32 x 32 signed multiply-accumulates (MIA) multiply a 32-bit, Intel XScale®
processor general register (multiplier) and another 32-bit, Intel XScale® processor
general register (multiplicand) to produce a 64-bit product where the 40 LSBs are
added to the 40-bit accumulator. The 16 x 32 versions of the 32 x 32 multiply-
accumulate instructions complete in a single cycle.
3.2.11
Performance Monitoring Unit
The performance monitoring unit (PMU) contains four 32-bit, event counters and one
32-bit, clock counter. The event counters can be programmed to monitor I-cache hit
rate, data caches hit rate, ITLB hit rate, DTLB hit rate, pipeline stalls, BTB prediction hit
rate, and instruction execution count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More