Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP46X Fiches technique(PDF) 8 Page - Intel Corporation

No de pièce IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Fiches technique(HTML) 8 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 4Page - Intel Corporation IXP46X Datasheet HTML 5Page - Intel Corporation IXP46X Datasheet HTML 6Page - Intel Corporation IXP46X Datasheet HTML 7Page - Intel Corporation IXP46X Datasheet HTML 8Page - Intel Corporation IXP46X Datasheet HTML 9Page - Intel Corporation IXP46X Datasheet HTML 10Page - Intel Corporation IXP46X Datasheet HTML 11Page - Intel Corporation IXP46X Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
8
Document Number: 306261-004US
Revision History
Date
Revision
Description
August 2006
004
Table 1, Section 3.1.1, Section 3.1.3: Updated the number of supported
SMII ports from six to three.
Section 3.1.12, Table 5: Clarified GPIO functions
Section 4.1.3: Updated tables to include A2 silicon part numbers.
Section 4.2.1: Added to help explain the tables outlined in Table 9
Table 14 and Table 16: Updated pin types
Table 22 and Table 24: Updated Power on Reset column values. Updated
RESET_IN_N description
Table 52: Updated Expansion Bus clock period
Table 66 to Table 69: Updated Expansion Bus Async. input setup timings
Table 78: Added note 3
Section 5.9: Clarified ordering information
Removed SS-SMII references since this feature is not supported.
Updated Intel StrataFlash® Synchronous Memory (K3) references to Intel
StrataFlash® Embedded Memory (P30). Added Application Note
references to Table 2
Incorporated specification changes, specification clarifications and
document changes from the Intel® IXP4XX Product Line of Network
Processors Specification Update (306428-004)
Updated Intel® product branding.
August 2005
003
Table 1, Table 6, and Table 7: removed Intel® IXP465 667 MHz extended
temperature part offering.
Section 3.2.11: corrected number of PMU 32-bit event counters to 4.
Section 4.1.3: updated part number tables with new A1 stepping values.
Table 12: updated HSS_TXDATA0 and HSS_TXCLK0 description.
Table 13: updated HSS_TXDATA1 description.
Table 16: changed EX_ADDR[24:0] pull-down value to 4.7 KΩ.
Table 25: added 1.5 V information.
Table 27 and Table 28: clarified table footnote.
Section 5.0, Figure 12, Figure 13, Table 30: corrected supply voltage
names for OSC_VCC, OSC_VCCP, OSC_VSS, and OSC_VSSP.
Table 29: added new table for 4.0 W power.
Table 30 and Table 82: changed 1.4 V to 1.5 V for Intel® IXP465 667 MHz
processor.
Table 50: replaced Trise-fall with Frequency Tolerance.
Section 5.6.2.7.3: added new figures for using EX_IOWAIT_N.
Table 63: corrected T3 and T4 values.
May 2005
002
Added support for Intel® IXP455 Network Processor including Table 1 on
page 13, Figure 3 on page 17, Table 26 on page 77, and Table 82 on
page 148.
Section 4.0, “Package Information” on page 37: added “Package
Markings” and “Part Numbers” sections.
Table 10 on page 45: enhanced description of DDRI_CB[7:0].
Table 49 on page 115: added TSLEW RATE information.
March 2005
001
Initial release of document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More