| Moteur de recherche de fiches techniques de composants électroniques |
|
IXP46X Fiches technique(PDF) 51 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP46X Fiches technique(HTML) 51 Page - Intel Corporation |
|
51 / 148 page ![]() Package Information August 2006 Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Datasheet 51 Document Number: 306261-004US HSS_RXDATA0 Z VI VI VI I Receive data input. Can be sampled on the rising or falling edge of the receive clock. When this interface/signal is enabled and is not being used in a system design, the interface/ signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the HSS soft fuse (refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual) and is not being used in a system design, this interface/signal is not required for any connection. HSS_RXCLK0 Z Z VB VB I/O The High-Speed Serial (HSS) receive clock signal can be configured as an input or an output. The clock can be from 512 KHz to 8.192 MHz. Used to sample the received data. Configured as an input upon reset. When this interface/signal is enabled and is not being used in a system design, the interface/ signal should be pulled high with a 10-KΩ resistor. Table 13. High-Speed, Serial Interface 1 (Sheet 1 of 2) Name Power on Reset† Reset† Normal After Reset Until Software Enables Possible Configur ations After Software Enables Type† Description HSS_TXFRAME1 Z Z VB VB I/O The High-Speed Serial (HSS) transmit frame signal can be configured as an input or an output to allow an external source to be synchronized with the transmitted data. Often known as a Frame Sync signal. Configured as an input upon reset. When this interface/signal is enabled and is not being used in a system design, the interface/ signal should be pulled high with a 10-KΩ resistor. When this interface is disabled via the HSS soft fuse (refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual) and is not being used in a system design, this interface/signal is not required for any connection. HSS_TXDATA1 Z Z VOD VOD OD Transmit data out. Open Drain output. When this interface/signal is enabled and either used or unused in a system design, it should be pulled high with a 10-KΩ resistor to VCCP. When this interface is disabled via the HSS soft fuse (refer to Expansion Bus Controller chapter of the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual) and is not being used in a system design, this interface/ signal is not required for any connection. Note: This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor, see Table 1 on page 13. † For a legend of the Type codes, see Table 8 on page 43. Table 12. High-Speed, Serial Interface 0 (Sheet 2 of 2) Name Power on Reset† Reset† Normal After Reset Until Software Enables Possible Configur ations After Software Enables Type† Description Note: This table discusses all features supported on the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors. For details on feature support listed by processor, see Table 1 on page 13. † For a legend of the Type codes, see Table 8 on page 43. |