Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

345 Fiches technique(PDF) 5 Page - Intel Corporation

No de pièce 345
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

345 Fiches technique(HTML) 5 Page - Intel Corporation

  345 Datasheet HTML 1Page - Intel Corporation 345 Datasheet HTML 2Page - Intel Corporation 345 Datasheet HTML 3Page - Intel Corporation 345 Datasheet HTML 4Page - Intel Corporation 345 Datasheet HTML 5Page - Intel Corporation 345 Datasheet HTML 6Page - Intel Corporation 345 Datasheet HTML 7Page - Intel Corporation 345 Datasheet HTML 8Page - Intel Corporation 345 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Datasheet
5
Figures
2-1
Phase Lock Loop (PLL) Filter Requirements ...................................................... 18
2-2
VCC Static and Transient Tolerance....................................................................25
2-3
VCC Overshoot Example Waveform....................................................................29
3-1
Processor Package Assembly Sketch................................................................. 31
3-2
Processor Package Drawing (Sheet 1 of 2) ........................................................ 32
3-3
Processor Package Drawing (Sheet 2 of 2) ........................................................ 33
3-4
Processor Top-Side Marking Example (with Processor Number) ....................... 36
3-5
Processor Top-Side Marking Example................................................................ 36
3-6
Processor Pinout Coordinates (Top View) .......................................................... 37
4-1
Pinout Diagram (Top View—Left Side) ...............................................................40
4-2
Pinout Diagram (Top View—Right Side) ............................................................. 41
5-1
Case Temperature (TC) Measurement Location................................................. 64
6-1
Stop Clock State Machine ................................................................................... 70
7-1
Mechanical Representation of the Boxed Intel® Celeron® D Processor ............. 73
7-2
Requirements for the Boxed Processor (Side View) ........................................... 74
7-3
Space Requirements for the Boxed Processor (Top View)................................. 74
7-4
Boxed Processor Fan Heatsink Power Cable Connector Description................. 76
7-5
Baseboard Power Header Placement Relative to Processor Socket ..................77
7-6
Boxed Processor Fan Heatsink Airspace Keepout Requirements (Side 1 View) 78
7-7
Boxed Processor Fan Heatsink Airspace Keepout Requirements (Side 2 View) 78
7-8
Boxed Processor Fan Heatsink Set Points ......................................................... 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82