Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

345 Fiches technique(PDF) 29 Page - Intel Corporation

No de pièce 345
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

345 Fiches technique(HTML) 29 Page - Intel Corporation

Back Button 345 Datasheet HTML 25Page - Intel Corporation 345 Datasheet HTML 26Page - Intel Corporation 345 Datasheet HTML 27Page - Intel Corporation 345 Datasheet HTML 28Page - Intel Corporation 345 Datasheet HTML 29Page - Intel Corporation 345 Datasheet HTML 30Page - Intel Corporation 345 Datasheet HTML 31Page - Intel Corporation 345 Datasheet HTML 32Page - Intel Corporation 345 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
Datasheet
29
Electrical Specifications
NOTES:
1. VOS is measured overshoot voltage.
2. TOS is measured time duration above VID.
2.12.1
Die Voltage Validation
Overshoot events from application testing on real processors must meet the specifications in
Table 2-17 when measured across the VCC_SENSE and VSS_SENSE pins. Overshoot events that
are < 10 ns in duration may be ignored. These measurements of processor die level overshoot
should be taken with a 100 MHz bandwidth limited oscilloscope.
Figure 2-3. VCC Overshoot Example Waveform
Time
Example Overshoot Waveform
VID
VID + 0.050
T
OS
V
OS
T
OS: Overshoot time above VID
V
OS: Overshoot above VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82