Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

345 Fiches technique(PDF) 39 Page - Intel Corporation

No de pièce 345
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

345 Fiches technique(HTML) 39 Page - Intel Corporation

Back Button 345 Datasheet HTML 35Page - Intel Corporation 345 Datasheet HTML 36Page - Intel Corporation 345 Datasheet HTML 37Page - Intel Corporation 345 Datasheet HTML 38Page - Intel Corporation 345 Datasheet HTML 39Page - Intel Corporation 345 Datasheet HTML 40Page - Intel Corporation 345 Datasheet HTML 41Page - Intel Corporation 345 Datasheet HTML 42Page - Intel Corporation 345 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
Datasheet
39
Pin Listing and Signal Descriptions
4
Pin Listing and Signal
Descriptions
This chapter provides the Celeron D processor pinout and signal description.
4.1
Processor Pin Assignments
The pinout footprint is shown in Figure 4-1 and Figure 4-2. These figures represent the pinout
arranged by pin number. Table 4-1 provides the pinout arranged alphabetically by signal name and
Table 4-2 provides the pinout arranged numerically by pin number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82