Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

430 Fiches technique(PDF) 49 Page - Intel Corporation

No de pièce 430
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

430 Fiches technique(HTML) 49 Page - Intel Corporation

Back Button 430 Datasheet HTML 45Page - Intel Corporation 430 Datasheet HTML 46Page - Intel Corporation 430 Datasheet HTML 47Page - Intel Corporation 430 Datasheet HTML 48Page - Intel Corporation 430 Datasheet HTML 49Page - Intel Corporation 430 Datasheet HTML 50Page - Intel Corporation 430 Datasheet HTML 51Page - Intel Corporation 430 Datasheet HTML 52Page - Intel Corporation 430 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
Land Listing and Signal Descriptions
Datasheet
49
VCC
AC24
Power/Other
VCC
AC25
Power/Other
VCC
AC26
Power/Other
VCC
AC27
Power/Other
VCC
AC28
Power/Other
VCC
AC29
Power/Other
VCC
AC30
Power/Other
VCC
AC8
Power/Other
VCC
AD23
Power/Other
VCC
AD24
Power/Other
VCC
AD25
Power/Other
VCC
AD26
Power/Other
VCC
AD27
Power/Other
VCC
AD28
Power/Other
VCC
AD29
Power/Other
VCC
AD30
Power/Other
VCC
AD8
Power/Other
VCC
AE11
Power/Other
VCC
AE12
Power/Other
VCC
AE14
Power/Other
VCC
AE15
Power/Other
VCC
AE18
Power/Other
VCC
AE19
Power/Other
VCC
AE21
Power/Other
VCC
AE22
Power/Other
VCC
AE23
Power/Other
VCC
AE9
Power/Other
VCC
AF11
Power/Other
VCC
AF12
Power/Other
VCC
AF14
Power/Other
VCC
AF15
Power/Other
VCC
AF18
Power/Other
VCC
AF19
Power/Other
VCC
AF21
Power/Other
VCC
AF22
Power/Other
VCC
AF8
Power/Other
VCC
AF9
Power/Other
VCC
AG11
Power/Other
VCC
AG12
Power/Other
VCC
AG14
Power/Other
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction
VCC
AG15
Power/Other
VCC
AG18
Power/Other
VCC
AG19
Power/Other
VCC
AG21
Power/Other
VCC
AG22
Power/Other
VCC
AG25
Power/Other
VCC
AG26
Power/Other
VCC
AG27
Power/Other
VCC
AG28
Power/Other
VCC
AG29
Power/Other
VCC
AG30
Power/Other
VCC
AG8
Power/Other
VCC
AG9
Power/Other
VCC
AH11
Power/Other
VCC
AH12
Power/Other
VCC
AH14
Power/Other
VCC
AH15
Power/Other
VCC
AH18
Power/Other
VCC
AH19
Power/Other
VCC
AH21
Power/Other
VCC
AH22
Power/Other
VCC
AH25
Power/Other
VCC
AH26
Power/Other
VCC
AH27
Power/Other
VCC
AH28
Power/Other
VCC
AH29
Power/Other
VCC
AH30
Power/Other
VCC
AH8
Power/Other
VCC
AH9
Power/Other
VCC
AJ11
Power/Other
VCC
AJ12
Power/Other
VCC
AJ14
Power/Other
VCC
AJ15
Power/Other
VCC
AJ18
Power/Other
VCC
AJ19
Power/Other
VCC
AJ21
Power/Other
VCC
AJ22
Power/Other
VCC
AJ25
Power/Other
VCC
AJ26
Power/Other
VCC
AJ8
Power/Other
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100