| Moteur de recherche de fiches techniques de composants électroniques |
|
430 Fiches technique(PDF) 47 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
430 Fiches technique(HTML) 47 Page - Intel Corporation |
|
47 / 100 page ![]() Land Listing and Signal Descriptions Datasheet 47 D24# F12 Source Synch Input/Output D25# D13 Source Synch Input/Output D26# E13 Source Synch Input/Output D27# G13 Source Synch Input/Output D28# F14 Source Synch Input/Output D29# G14 Source Synch Input/Output D30# F15 Source Synch Input/Output D31# G15 Source Synch Input/Output D32# G16 Source Synch Input/Output D33# E15 Source Synch Input/Output D34# E16 Source Synch Input/Output D35# G18 Source Synch Input/Output D36# G17 Source Synch Input/Output D37# F17 Source Synch Input/Output D38# F18 Source Synch Input/Output D39# E18 Source Synch Input/Output D40# E19 Source Synch Input/Output D41# F20 Source Synch Input/Output D42# E21 Source Synch Input/Output D43# F21 Source Synch Input/Output D44# G21 Source Synch Input/Output D45# E22 Source Synch Input/Output D46# D22 Source Synch Input/Output D47# G22 Source Synch Input/Output D48# D20 Source Synch Input/Output D49# D17 Source Synch Input/Output D50# A14 Source Synch Input/Output D51# C15 Source Synch Input/Output D52# C14 Source Synch Input/Output D53# B15 Source Synch Input/Output D54# C18 Source Synch Input/Output D55# B16 Source Synch Input/Output D56# A17 Source Synch Input/Output D57# B18 Source Synch Input/Output D58# C21 Source Synch Input/Output D59# B21 Source Synch Input/Output D60# B19 Source Synch Input/Output D61# A19 Source Synch Input/Output D62# A22 Source Synch Input/Output D63# B22 Source Synch Input/Output Table 23. Alphabetical Land Assignments Land Name Land # Signal Buffer Type Direction DBI0# A8 Source Synch Input/Output DBI1# G11 Source Synch Input/Output DBI2# D19 Source Synch Input/Output DBI3# C20 Source Synch Input/Output DBR# AC2 Power/Other Output DBSY# B2 Common Clock Input/Output DEFER# G7 Common Clock Input DRDY# C1 Common Clock Input/Output DSTBN0# C8 Source Synch Input/Output DSTBN1# G12 Source Synch Input/Output DSTBN2# G20 Source Synch Input/Output DSTBN3# A16 Source Synch Input/Output DSTBP0# B9 Source Synch Input/Output DSTBP1# E12 Source Synch Input/Output DSTBP2# G19 Source Synch Input/Output DSTBP3# C17 Source Synch Input/Output FC0 Y1 Power/Other FC3 J2 Power/Other FC4 T2 Power/Other FC5 F2 Power/Other FC8 AK6 Power/Other FC10 E24 Power/Other FC15 H29 Power/Other FC17 Y3 Power/Other FC18 AE3 Power/Other FC20 E5 Power/Other FC21 F6 Power/Other FC22 J3 Power/Other FC23 A24 Power/Other FC26 E29 Power/Other FC27 G1 Power/Other FC28 U1 Power/Other FC29 U2 Power/Other FC30 U3 Power/Other FC31 J16 Power/Other FC32 H15 Power/Other FC33 H16 Power/Other FC34 J17 Power/Other FC35 H4 Power/Other FC36 AD3 Power/Other Table 23. Alphabetical Land Assignments Land Name Land # Signal Buffer Type Direction |