Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1160N Fiches technique(PDF) 3 Page - RICOH electronics devices division

No de pièce R1160N
Description  SOT23-5 3-MODE 200mA LDO REGULATOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160N Fiches technique(HTML) 3 Page - RICOH electronics devices division

  R1160N Datasheet HTML 1Page - RICOH electronics devices division R1160N Datasheet HTML 2Page - RICOH electronics devices division R1160N Datasheet HTML 3Page - RICOH electronics devices division R1160N Datasheet HTML 4Page - RICOH electronics devices division R1160N Datasheet HTML 5Page - RICOH electronics devices division R1160N Datasheet HTML 6Page - RICOH electronics devices division R1160N Datasheet HTML 7Page - RICOH electronics devices division R1160N Datasheet HTML 8Page - RICOH electronics devices division R1160N Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Rev. 1.10
- 3 -
s PIN CONFIGURATION
12
3
4
5
SOT- 23 - 5
(mark side)
s PIN DESCRIPTION
Pin No.
Symbol
Description
1VDD
Input Pin
2
GND
Ground Pin
3
CE or CE
Chip Enable Pin
4
ECO
MODE alternative pin
5VOUT
Output pin
s ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Rating
Unit
Input Voltage
VIN
6.5
V
Input Voltage(ECO Pin)
VECO
-0.3 ~ VIN+0.3
V
Input Voltage(CE/CE Pin)
VCE
-0.3 ~ VIN+0.3
V
Output Voltage
VOUT
-0.3 ~ VIN+0.3
V
Output Current
IOUT
250
mA
Power Dissipation
PD
250
mW
Operating Temperature Range
Topt
-40 ~ 85
°C
Storage Temperature Range
Tstg
-55 ~ 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com