Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1160N Fiches technique(PDF) 24 Page - RICOH electronics devices division

No de pièce R1160N
Description  SOT23-5 3-MODE 200mA LDO REGULATOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160N Fiches technique(HTML) 24 Page - RICOH electronics devices division

Back Button R1160N Datasheet HTML 19Page - RICOH electronics devices division R1160N Datasheet HTML 20Page - RICOH electronics devices division R1160N Datasheet HTML 21Page - RICOH electronics devices division R1160N Datasheet HTML 22Page - RICOH electronics devices division R1160N Datasheet HTML 23Page - RICOH electronics devices division R1160N Datasheet HTML 24Page - RICOH electronics devices division R1160N Datasheet HTML 25Page - RICOH electronics devices division R1160N Datasheet HTML 26Page - RICOH electronics devices division R1160N Datasheet HTML 27Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Rev. 1.10
- 24 -
R1160N151B ECO=H
R1160N151B ECO=L
VIN=2.5V, CIN=tantal 1.0
µF, COUT= tantal 2.2µFVIN=2.5V, CIN=tantal 1.0µF, COUT= tantal 2.2µF
-1.6
-0.8
0.0
0.8
1.6
2.4
3.2
-30 -20 -10 0
10 20 30 40 50 60 70
Time t (us)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-1.6
-0.8
0.0
0.8
1.6
2.4
3.2
-30
0
-20
0
-10
0
0
100 200 300 400 500 600 700
Time t (us)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
R1160N261B ECO=H
R1160N261B ECO=L
VIN=3.6V, CIN=tantal 1.0
µF, COUT= tantal 2.2µFVIN=3.6V, CIN=tantal 1.0µF, COUT= tantal 2.2µF
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-30 -20 -10
0
10 20 30 40 50 60 70
Time t (us)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-30
0
-20
0
-10
0
0
100 200 300 400 500 600 700
Time t (us)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
R1160N331B ECO=H
R1160N331B ECO=L
VIN=4.3V, CIN=tantal 1.0
µF, COUT= tantal 2.2µFVIN=4.3V, CIN=tantal 1.0µF, COUT= tantal 2.2µF
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-30 -20 -10
0
10 20 30 40 50 60 70
Time t (us)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-30
0
-20
0
-10
0
0
100 200 300 400 500 600 700
Time t (us)
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VCE=0V
→2.5V
IOUT=200mA
VCE=0V
→2.5V
IOUT=200mA
IOUT=200mA
VCE=0V
→3.6V
VCE=0V
→3.6V
IOUT=200mA
VCE=0V
→4.3V
IOUT=200mA
VCE=0V
→4.3V
IOUT=200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com