Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1160N Fiches technique(PDF) 22 Page - RICOH electronics devices division

No de pièce R1160N
Description  SOT23-5 3-MODE 200mA LDO REGULATOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160N Fiches technique(HTML) 22 Page - RICOH electronics devices division

Back Button R1160N Datasheet HTML 18Page - RICOH electronics devices division R1160N Datasheet HTML 19Page - RICOH electronics devices division R1160N Datasheet HTML 20Page - RICOH electronics devices division R1160N Datasheet HTML 21Page - RICOH electronics devices division R1160N Datasheet HTML 22Page - RICOH electronics devices division R1160N Datasheet HTML 23Page - RICOH electronics devices division R1160N Datasheet HTML 24Page - RICOH electronics devices division R1160N Datasheet HTML 25Page - RICOH electronics devices division R1160N Datasheet HTML 26Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Rev. 1.10
- 22 -
R1160N261X ECO=H
R1160N261X ECO=L
IOUT=30mA, tr=tf=5
µs, COUT= tantal 2.2µFIOUT=10mA, tr=tf=5µs, COUT= tantal 2.2µF
2.56
2.58
2.60
2.62
2.64
2.66
2.68
0
1020 3040
506070 8090 100
Time t (us)
-1
0
1
2
3
4
5
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
Time t (ms)
-1
0
1
2
3
4
5
R1160N261X ECO=H
R1160N261X ECO=L
IOUT=30mA, tr=tf=5
µs, COUT= tantal 4.7µFIOUT=10mA, tr=tf=5µs, COUT= tantal 4.7µF
2.56
2.58
2.60
2.62
2.64
2.66
2.68
0
10 203040 50607080 90 100
Time t (us)
-1
0
1
2
3
4
5
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
Time t (ms)
-1
0
1
2
3
4
5
11) Load Transient Response
R1160n261x Eco=H
R1160n261x Eco=L
VIN=3.6V, CIN=Tantal 1.0
µF, COUT= Tantal 1.0µFVIN=3.6V, CIN=Tantal 1.0µF, COUT= Tantal 1.0µF
2.4
2.5
2.6
2.7
2.8
2.9
3
-2
02468
10 12 14 16 18
Time t (us)
-150
-100
-50
0
50
100
150
1.5
2
2.5
3
3.5
4
4.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time t (ms)
-40
-30
-20
-10
0
10
20
Output Voltage
Input Voltage
Input Voltage
Output Voltage
Input Voltage
Input Voltage
Output Voltage
Output Voltage
Output Voltage
Load Current
Load Current
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com