Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1160N Fiches technique(PDF) 23 Page - RICOH electronics devices division

No de pièce R1160N
Description  SOT23-5 3-MODE 200mA LDO REGULATOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1160N Fiches technique(HTML) 23 Page - RICOH electronics devices division

Back Button R1160N Datasheet HTML 19Page - RICOH electronics devices division R1160N Datasheet HTML 20Page - RICOH electronics devices division R1160N Datasheet HTML 21Page - RICOH electronics devices division R1160N Datasheet HTML 22Page - RICOH electronics devices division R1160N Datasheet HTML 23Page - RICOH electronics devices division R1160N Datasheet HTML 24Page - RICOH electronics devices division R1160N Datasheet HTML 25Page - RICOH electronics devices division R1160N Datasheet HTML 26Page - RICOH electronics devices division R1160N Datasheet HTML 27Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Rev. 1.10
- 23 -
R1160N261X ECO=H
R1160N261X ECO=L
VIN=3.6V, CIN=tantal 1.0
µF, COUT= tantal 2.2µFVIN=3.6V, CIN=tantal 1.0µF, COUT= tantal 2.2µF
2.4
2.5
2.6
2.7
2.8
2.9
3
-2
0
2
4
6
8
10 12 14 16 18
Time t (us)
-150
-100
-50
0
50
100
150
1.5
2
2.5
3
3.5
4
4.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time t (ms)
-40
-30
-20
-10
0
10
20
R1160N261X ECO=H
R1160N261X ECO=L
VIN=3.6V, CIN=tantal 1.0
µF, COUT= tantal 4.7µFVIN=3.6V, CIN=tantal 1.0µF, COUT= tantal 4.7µF
2.4
2.5
2.6
2.7
2.8
2.9
3
-2
0
2
4
6
8
101214 1618
Time t (us)
-150
-100
-50
0
50
100
150
1.5
2
2.5
3
3.5
4
4.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Time t (ms)
-40
-30
-20
-10
0
10
20
12)Turn on speed with CE pin
R1160N081B ECO=H
R1160N081B ECO=L
VIN=1.8V, CIN=tantal 1.0
µF, COUT= tantal 2.2µFVIN=1.8V, CIN=tantal 1.0µF, COUT= tantal 2.2µF
-1.2
-0.6
0.0
0.6
1.2
1.8
2.4
-30 -20 -10
0
10 20 30 40 50 60 70
Time t (us)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-1.2
-0.6
0.0
0.6
1.2
1.8
2.4
-30
0
-20
0
-10
0
0
100 200 300 400 500 600 700
Time t (us)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Load Current
Output Voltage
Load Current
Output Voltage
Output Voltage
Load Current
Output Voltage
Load Current
VCE=0V
→1.8V
VCE=0V
→1.8V
IOUT=200mA
IOUT=200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com