Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05CL16 Fiches technique(PDF) 24 Page - Motorola, Inc

No de pièce 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Fiches technique(HTML) 24 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 20Page - Motorola, Inc 68HC05CL16 Datasheet HTML 21Page - Motorola, Inc 68HC05CL16 Datasheet HTML 22Page - Motorola, Inc 68HC05CL16 Datasheet HTML 23Page - Motorola, Inc 68HC05CL16 Datasheet HTML 24Page - Motorola, Inc 68HC05CL16 Datasheet HTML 25Page - Motorola, Inc 68HC05CL16 Datasheet HTML 26Page - Motorola, Inc 68HC05CL16 Datasheet HTML 27Page - Motorola, Inc 68HC05CL16 Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
MEMORY
MC68HC05CL48
2-2
REV 2.0
INTO
1 =
allow negative edge-triggered interrupt on IRQ pin.
0 =
allow ‘low’ level-triggered and negative edge-triggered interrupt on
IRQ pin.
2.3
LCD RAM
The LCD RAM consists of 90 bytes at locations ($0930 thru $095C) and ($0A30
thru $0A5C).
2.4
RAM
The total RAM consists of 2.0k bytes (including the stack) at locations $0030 thru
$082F. The stack begins at address $00FF and proceeds down to $00C0. The
stack pointer can access 64 locations from $00FF to $00C0. Using the stack area
for data storage or temporary work locations requires care to prevent it from being
over written due to stacking from an interrupt or subroutine call.
2.5
ROM
There are a total of 47.5k bytes of user ROM from locations $4000 thru $FDFF for
user program storage and 16 bytes for user vectors at locations $FFF0 thru
$FFFF.
2.6
I/O MAPPED REGISTERS
There are 48 internal registers at locations $0000 thru $002F. These are
illustrated in Figure 2-2, Figure 2-3 and Figure 2-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More