Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05CL16 Fiches technique(PDF) 79 Page - Motorola, Inc

No de pièce 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Fiches technique(HTML) 79 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 75Page - Motorola, Inc 68HC05CL16 Datasheet HTML 76Page - Motorola, Inc 68HC05CL16 Datasheet HTML 77Page - Motorola, Inc 68HC05CL16 Datasheet HTML 78Page - Motorola, Inc 68HC05CL16 Datasheet HTML 79Page - Motorola, Inc 68HC05CL16 Datasheet HTML 80Page - Motorola, Inc 68HC05CL16 Datasheet HTML 81Page - Motorola, Inc 68HC05CL16 Datasheet HTML 82Page - Motorola, Inc 68HC05CL16 Datasheet HTML 83Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
SERIAL PERIPHERAL INTERFACE
MOTOROLA
REV 2.0
9-7
exchanged between the master and the slave. Note that some slave devices are
very simple and either accept data from the master without returning data to the
master or pass data to the master without requiring data from the master.
When writing the SPDR, the data is written directly into the shift register and
always shifted out MSB first.
When reading the SPDR, a Read Data Buffer is actually accessed. This buffer
contains the last data byte received by the SPI, and is updated during the cycle
that SPIF is set (reception complete).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More