Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05CL16 Fiches technique(PDF) 21 Page - Motorola, Inc

No de pièce 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Fiches technique(HTML) 21 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 17Page - Motorola, Inc 68HC05CL16 Datasheet HTML 18Page - Motorola, Inc 68HC05CL16 Datasheet HTML 19Page - Motorola, Inc 68HC05CL16 Datasheet HTML 20Page - Motorola, Inc 68HC05CL16 Datasheet HTML 21Page - Motorola, Inc 68HC05CL16 Datasheet HTML 22Page - Motorola, Inc 68HC05CL16 Datasheet HTML 23Page - Motorola, Inc 68HC05CL16 Datasheet HTML 24Page - Motorola, Inc 68HC05CL16 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
GENERAL DESCRIPTION
MOTOROLA
REV 2.0
1-9
1.4.17 RT_L
This pin should be connected with an external pull-up resistor to vDD. This pin will
be pulled low when RDI1 rises above one volt.
1.4.18 RD1, RD2
These inputs are incoming ring qualifiers.
1.4.19 BP0 - BP15
These are the back plane drivers dedicated to the LCD subsystem. BP8 - BP15
will be used as FP45 - FP52 when the LCD driver is only driving 8 back planes.
1.4.20 FP0 - FP44
These are the front plane drivers dedicated to the LCD subsystem.
1.4.21 VLCD, V0, V1, V2, V3, V4
VLCD is the power supply input for the LCD voltage generator. V0, V1, V2, V3 and
V4 are the internal resistor ladder node voltage. An external cap with one terminal
connected to GND should be connected to each of these four pins.
1.4.22 XFC
One terminal of the Phase-Locked Loop external capacitor should be connected
here, the other terminal should be connected to GND.
XFC
0.1uF
Phase-Locked Loop External Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More