| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC05CL16 Fiches technique(PDF) 84 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL16 Fiches technique(HTML) 84 Page - Motorola, Inc |
|
84 / 145 page ![]() GENERAL RELEASE SPECIFICATION June 6, 1997 MOTOROLA ANALOG TO DIGITAL CONVERTER MC68HC05CL48 10-4 REV 2.0 10.7 A/D DURING STOP MODE In STOP mode the comparator and charge pump are turned off and the A/D ceases to function. Any pending conversion is aborted. When the clocks begin oscillation upon leaving the STOP mode, a finite amount of time passes before the A/D circuits stabilize enough to provide conversions to the specified accuracy. The delays built into the MC68HC05 when coming out of STOP mode are sufficient for this purpose, therefore no explicit delays need to be built into the software. |