| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTB Fiches technique(PDF) 94 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTB Fiches technique(HTML) 94 Page - List of Unclassifed Manufacturers |
|
94 / 240 page ![]() EM351 / EM357 SCx_TWICTRL1 SC1_TWICTRL1 TWI Control Register 1 Address: 0x4000C84C Reset: 0x0 SC2_TWICTRL1 TWI Control Register 1 Address: 0x4000C04C Reset: 0x0 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 0 0 0 0 SC_TWISTOP SC_TWISTART SC_TWISEND SC_TWIRECV Bitname Bitfield Access Description SC_TWISTOP [3] RW Setting this bit sends the STOP command. It clears when the command completes. SC_TWISTART [2] RW Setting this bit sends the START or repeated START command. It clears when the command completes. SC_TWISEND [1] RW Setting this bit transmits a byte. It clears when the command completes. SC_TWIRECV [0] RW Setting this bit receives a byte. It clears when the command completes. 8-23 120-035X-000D Preliminary |