| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTB Fiches technique(PDF) 70 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTB Fiches technique(HTML) 70 Page - List of Unclassifed Manufacturers |
|
70 / 240 page ![]() EM351 / EM357 GPIO_DBGCFG GPIO Debug Configuration Register Address: 0x4000BC00 Reset: 0x10 31 30 29 28 27 26 25 24 0 0 0 0 0 0 0 0 23 22 21 20 19 18 17 16 0 0 0 0 0 0 0 0 15 14 13 12 11 10 9 8 0 0 0 0 0 0 0 0 7 6 5 4 3 2 1 0 0 0 GPIO_DEBUGDIS GPIO_EXTREGEN GPIO_DBGCFGRSVD 0 0 0 Bitname Bitfield Access Description GPIO_DEBUGDIS [5] RW Disable debug interface override of normal GPIO configuration. 0: Permit debug interface to be active. 1: Disable debug interface (if it is not already active). GPIO_EXTREGEN [4] RW Enable REG_EN override of PA7's normal GPIO configuration. 0: Disable override. 1: Enable override. GPIO_DBGCFGRSVD [3] RW Reserved: this bit can change during normal operation. When writing to GPIO_DBGCFG, the value of this bit must be preserved. 7-21 120-035X-000D Preliminary |