| Moteur de recherche de fiches techniques de composants électroniques |
|
EM357-RTB Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EM357-RTB Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 240 page ![]() EM351 / EM357 1-3 120-035X-000D Preliminary Pin # Signal Direction Description TIM2C3 (see also Pin 22) O Timer 2 channel 3 output Enable remap with TIM2_OR[6] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PBCFGL[15:12] TIM2C3 (see also Pin 22) I Timer 2 channel 3 input Enable remap with TIM2_OR[6] SC1nCTS I UART CTS handshake of Serial Controller 1 Enable with SC1_UARTCFG[5] Select UART with SC1_MODE SC1SCLK O SPI master clock of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[6] Enable master with SC1_SPICFG[4] Select SPI with SC1_MODE Select alternate output function with GPIO_PBCFGL[15:12] SC1SCLK I SPI slave clock of Serial Controller 1 Enable slave with SC1_SPICFG[4] Select SPI with SC1_MODE PB4 I/O Digital I/O TIM2C4 (see also Pin 24) O Timer 2 channel 4 output Enable remap with TIM2_OR[7] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PBCFGH[3:0] TIM2C4 (see also Pin 24) I Timer 2 channel 4 input Enable remap with TIM2_OR[7] SC1nRTS O UART RTS handshake of Serial Controller 1 Either disable timer output in TIM2_CCER, or disable remap with TIM2_OR[7] Enable with SC1_UARTCFG[5] Select UART with SC1_MODE Select alternate output function with GPIO_PBCFGH[3:0] 20 SC1nSSEL I SPI slave select of Serial Controller 1 Enable slave with SC1_SPICFG[4] Select SPI with SC1_MODE PA0 I/O Digital I/O TIM2C1 (see also Pin 30) O Timer 2 channel 1 output Disable remap with TIM2_OR[4] Enable timer output in TIM2_CCER Select alternate output function with GPIO_PACFGL[3:0] 21 TIM2C1 (see also Pin 30) I Timer 2 channel 1 input Disable remap with TIM2_OR[4] |