Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTB Fiches technique(PDF) 81 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Fiches technique(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 77Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 78Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 79Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 80Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 81Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 82Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 83Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 84Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 240 page
background image
EM351 / EM357
8-10
120-035X-000D
Preliminary
8.3.5
Registers
SCx_DATA
SC1_DATA
Serial Data Register
Address: 0x4000C83C Reset: 0x0
SC2_DATA
Serial Data Register
Address: 0x4000C03C Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
0
7
6
5
4
3
2
1
0
SC_DATA
Bitname
Bitfield
Access
Description
SC_DATA
[7:0]
RW
Transmit and receive data register. Writing to this register adds a byte to the transmit
FIFO. Reading from this register takes the next byte from the receive FIFO and clears the
overrun error bit if it was set.
In UART mode (SC1 only), reading from this register loads the UART status register with
the parity and frame error status of the next byte in the FIFO, and clears these bits if the
FIFO is now empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More