Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTB Fiches technique(PDF) 236 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Fiches technique(HTML) 236 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 232Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 233Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 234Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 235Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 236Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 237Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 238Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 239Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 240Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 236 / 240 page
background image
EM351 / EM357
Appendix B Abbreviations and Acronyms
Acronym/Abbreviation
Meaning
ACK
Acknowledgement
ADC
Analog to Digital Converter
AES
Advanced Encryption Standard
AGC
Automatic Gain Control
AHB
Advanced High Speed Bus
APB
Advanced Peripheral Bus
CBC-MAC
Cipher Block Chaining—Message Authentication Code
CCA
Clear Channel Assessment
CCM
Counter with CBC-MAC Mode for AES encryption
CCM*
Improved Counter with CBC-MAC Mode for AES encryption
CIB
Customer Information Block
CLK1K
1 kHz Clock
CLK32K
32.768 kHz Crystal Clock
CPU
Central Processing Unit
CRC
Cyclic Redundancy Check
CSMA-CA
Carrier Sense Multiple Access-Collision Avoidance
CTR
Counter Mode
CTS
Clear to Send
DNL
Differential Non-Linearity
DMA
Direct Memory Access
DWT
Data Watchpoint and Trace
EEPROM
Electrically Erasable Programmable Read Only Memory
EM
Event Manager
ENOB
effective number of bits
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
ETR
External Trigger Input
FCLK
ARM
® CortexTM-M3 CPU Clock
FIB
Fixed Information Block
FIFO
First-in, First-out
FPB
Flash Patch and Breakpoint
B-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More