Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTB Fiches technique(PDF) 210 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Fiches technique(HTML) 210 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 206Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 207Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 208Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 209Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 210Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 211Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 212Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 213Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 214Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 240 page
background image
EM351 / EM357
INT_ACTIVE
Top-Level Active Interrupts Register
Address: 0xE000E300 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
INT_DEBUG
15
14
13
12
11
10
9
8
INT_IRQD
INT_IRQC
INT_IRQB
INT_IRQA
INT_ADC
INT_MACRX
INT_MACTX
INT_MACTMR
7
6
5
4
3
2
1
0
INT_SEC
INT_SC2
INT_SC1
INT_SLEEPTMR
INT_BB
INT_MGMT
INT_TIM2
INT_TIM1
Bitname
Bitfield
Access
Description
INT_DEBUG
[16]
R
Debug interrupt active.
INT_IRQD
[15]
R
IRQD interrupt active.
INT_IRQC
[14]
R
IRQC interrupt active.
INT_IRQB
[13]
R
IRQB interrupt active.
INT_IRQA
[12]
R
IRQA interrupt active.
INT_ADC
[11]
R
ADC interrupt active.
INT_MACRX
[10]
R
MAC receive interrupt active.
INT_MACTX
[9]
R
MAC transmit interrupt active.
INT_MACTMR
[8]
R
MAC timer interrupt active.
INT_SEC
[7]
R
Security interrupt active.
INT_SC2
[6]
R
Serial controller 2 interrupt active.
INT_SC1
[5]
R
Serial controller 1 interrupt active.
INT_SLEEPTMR
[4]
R
Sleep timer interrupt active.
INT_BB
[3]
R
Baseband interrupt active.
INT_MGMT
[2]
R
Management interrupt active.
INT_TIM2
[1]
R
Timer 2 interrupt active.
INT_TIM1
[0]
R
Timer 1 interrupt active.
11-11
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More