Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTB Fiches technique(PDF) 201 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Fiches technique(HTML) 201 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 197Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 198Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 199Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 200Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 201Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 202Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 203Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 204Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 205Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 240 page
background image
EM351 / EM357
Table 11-1. NVIC Exception Table
Exception
Position
Description
-
0
Stack top is loaded from first entry of vector table on reset.
Reset
1
Invoked on power up and warm reset. On first instruction, drops to
lowest priority (Thread mode). Asynchronous.
NMI
2
Cannot be stopped or preempted by any exception but reset.
Asynchronous.
Hard Fault
3
All classes of fault, when the fault cannot activate because of priority
or the Configurable Fault handler has been disabled. Synchronous.
Memory Fault
4
MPU mismatch, including access violation and no match. Synchronous.
Bus Fault
5
Pre-fetch, memory access, and other address/memory-related faults.
Synchronous when precise and asynchronous when imprecise.
Usage Fault
6
Usage fault, such as ‘undefined instruction executed’ or ‘illegal state
transition attempt’. Synchronous.
-
7-10
Reserved.
SVCall
11
System service call with SVC instruction. Synchronous.
Debug Monitor
12
Debug monitor, when not halting. Synchronous, but only active when
enabled. It does not activate if lower priority than the current
activation.
-
13
Reserved.
PendSV
14
Pendable request for system service. Asynchronous and only pended by
software.
SysTick
15
System tick timer has fired. Asynchronous.
Timer 1
16
Timer 1 peripheral interrupt.
Timer 2
17
Timer 2 peripheral interrupt.
Management
18
Management peripheral interrupt.
Baseband
19
Baseband peripheral interrupt.
Sleep Timer
20
Sleep Timer peripheral interrupt.
Serial Controller 1
21
Serial Controller 1 peripheral interrupt.
Serial Controller 2
22
Serial Controller 2 peripheral interrupt.
Security
23
Security peripheral interrupt.
MAC Timer
24
MAC Timer peripheral interrupt.
MAC Transmit
25
MAC Transmit peripheral interrupt.
MAC Receive
26
MAC Receive peripheral interrupt.
ADC
27
ADC peripheral interrupt.
IRQA
28
IRQA peripheral interrupt.
IRQB
29
IRQB peripheral interrupt.
IRQC
30
IRQC peripheral interrupt.
IRQD
31
IRQD peripheral interrupt.
Debug
32
Debug peripheral interrupt.
11-2
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More