Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTB Fiches technique(PDF) 128 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Fiches technique(HTML) 128 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 124Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 125Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 126Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 127Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 128Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 129Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 130Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 131Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 132Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 240 page
background image
EM351 / EM357
When a UEV occurs, the update flag (the INT_TIMUIF bit in the INT_TIMxFLAG register) is set (unless TIM_USR
is 1) and the following registers are updated:
The prescaler shadow register is reloaded with the buffer value (contents of the TIMx_PSC register).
The auto-reload active register is updated with the buffer value (contents of the TIMx_ARR register). If the
update source is a counter overflow, the auto-reload is updated before the counter is reloaded, so that the
next period is the expected one. The counter is loaded with the new value.
Figure 9-9, Figure 9-10, and Figure 9-11 show some examples of the counter behavior for different clock
frequencies.
Figure 9-9. Counter Timing Diagram, Internal Clock Divided by 1, TIMx_ARR = 0x6
Figure 9-10. Counter Timing Diagram, Update Event with TIM_ARBE = 1 (counter underflow)
9-8
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More