Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM357-RTB Fiches technique(PDF) 111 Page - List of Unclassifed Manufacturers

No de pièce EM357-RTB
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB Fiches technique(HTML) 111 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 107Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 108Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 109Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 110Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 111Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 112Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 113Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 114Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 115Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 240 page
background image
EM351 / EM357
SCx_TXCNT
SC1_TXCNT
Transmit DMA Count Register
Address: 0x4000C828 Reset: 0x0
SC2_TXCNT
Transmit DMA Count Register
Address: 0x4000C028 Reset: 0x0
31
30
29
28
27
26
25
24
0
0
0
0
0
0
0
0
23
22
21
20
19
18
17
16
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
0
0
SC_TXCNT
7
6
5
4
3
2
1
0
SC_TXCNT
Bitname
Bitfield
Access
Description
SC_TXCNT
[13:0]
R
The offset from the start of the active DMA transmit buffer from which the next byte will
be read. This register is set to zero when the buffer is loaded and when the DMA is reset.
8-40
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More