Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2.AT Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 43Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 44Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 45Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 46Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 47Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Other responses
SPBT2532C2.AT
44/48
Doc ID 16089 Rev 3
Appendix E
Other responses
The following subsections describe the 4 types of responses that occur under specific
circumstances, not necessarily as a result of a specific command. They are:
●
Reset
●
Escape sequence
●
Controlled disconnect
●
Unexpected disconnect
E.1
Reset
Upon either hardware reset or software reset (such as the Reset command), abSerial will
respond as follows after the reset is complete:
AT-AB -CommandMode-
AT-AB BDAddress [BD addr]
Because the BD address of the local device is reported during this response, the response
is different than a response to the Escape Sequence.
E.2
Escape sequence
If the Escape sequence, ^#^$^%, is received and no connection is active, abSerial will
immediately respond with:
AT-AB -CommandMode-
When the Escape Sequence is received while a connection is still active and there is no
data for 2 seconds, abSerial will respond (after those 2 seconds of no data) with the same
string.
abSerial will now be in command mode.
E.3
Controlled disconnect
If the local host initiates a disconnect, it must first put the abSerial interface into command
mode (see the section on Escape Sequence directly above). After a successful disconnect
command, the following response is made:
AT-AB ConnectionDown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48