Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2.AT Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 16Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 17Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 19Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 20Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 21Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 22Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 23Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
SPBT2532C2.AT
20/48
Doc ID 16089 Rev 3
Appendix B
The appendix describes an embedded application that provides a serial cable replacement
service using the Bluetooth serial port profile.
B.1
Purpose
This document provides a detailed description of each command supported by the AT
command interface, (abSerial) SW developed by Amp’edRF.
Figure 9.
SW developer
Each description explains parameters and the expected behaviors of each command and
response.
Errors responses are also detailed in this document.
To provide feedback or to request assistance on abSerial commands please contact
abserial.support@st.com
B.2
Definitions and acronyms
The following acronyms are used in this document.
Table 8.
Definitions and acronyms
Term
Description/Meaning
ASCII
American standard code for information Interchange, a standard describing encoding
of characters; the use in this document is strictly US 7-bit
BD
Bluetooth device
DCD
Modem signal “data carrier detect”; indication from a modem that a connection has
been made through, for example, a dialup connection
DTE
Data terminal entity, e.g., a computer
DTR
Modem signal “data terminal ready”; indication to a modem that the data terminal is
ready for a connection
DUN
Dialup networking (profile)
GPIO
General purpose input-output
LAN
Local area network
PIN
Personal identification number
SPP
Serial port profile
UART
Universal asynchronous receiver-transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48