| Moteur de recherche de fiches techniques de composants électroniques |
|
SPBT2532C2.AT Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2.AT Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 48 page ![]() SPBT2532C2.AT Commands Doc ID 16089 Rev 3 37/48 C.31 StreamingSerial C.31.1 Syntax AT+AB StreamingSerial [Enable/Disable] Where [Enable/Disable] is an e or E character to enable this parameter and a d or D character to disable it. C.31.2 Query An alternative syntax may be used to query the current StreamingSerial feature status. This syntax is not supported by other commands. AT+AB StreamingSerial C.31.3 Responses If the feature is successfully applied or queried, the response is: AT-AB StreamingSerial [Enabled/Disabled] C.32 UpdateInquiryScan The UpdateInquiryScan command is used to modify the Inquiry scan parameters: mode, duration, and interval. C.32.1 Syntax AT+AB UpdateInquiryScan [mode] [duration] [interval] where [mode] is the discoverable mode: ● 0: non-discoverable ● 1: limited discoverability – not supported ● 2: discoverable [duration] is the scan length in slots; 18 to 4096. The default duration is 18 slots. [interval] is the period between scans in slots; 18 to 4096. The default interval is 2048 slots C.32.2 Responses If the command is successful, the response is: AT-AB InquiryScanUpdateDone |