Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPBT2532C2.AT Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce SPBT2532C2.AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2.AT Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button SPBT2532C2.AT Datasheet HTML 35Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 36Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 37Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 38Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 39Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2.AT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
SPBT2532C2.AT
Error responses
Doc ID 16089 Rev 3
39/48
Appendix D
Error responses
This chapter details the error responses that occur under specific circumstances.
There are seven error responses that can occur beyond error responses specific to a
particular command (e.g., Discovery). They are:
●
ErrConnect
●
ErrExecution
●
ErrFormat
●
ErrInProgress
●
ErrInvalidParam
●
ErrNumParam
●
ErrUnknownCmd
The following subsections detail the different error responses. These error responses
replace the original error response
AT-AB ErrorCommand
D.1
ErrConnect
The ErrConnect error response will be sent if abSerial has a valid connection established
and the command cannot be executed while connected (even in the command mode).
Examples of commands that produce this error response are given in the following table.
Table 10.
Example commands that generate <ErrConnect>
Example
Reason
AT+AB security none
Changing security level while a connection is up.
AT+AB discovery
Performing a device discovery while a connection is up.
AT+AB SPPConnect
00043e000000
Establishing a connection to a device while a connection is exists
with another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48