Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS8113-RNG+ Fiches technique(PDF) 17 Page - Maxim Integrated Products

No de pièce DS8113-RNG+
Description  Smart Card Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS8113-RNG+ Fiches technique(HTML) 17 Page - Maxim Integrated Products

Back Button DS8113-RNG+ Datasheet HTML 9Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 10Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 11Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 12Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 13Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 14Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 15Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 16Page - Maxim Integrated Products DS8113-RNG+ Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Smart Card Interface
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 17
© 2010 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
EMVCo approval of the interface module (IFM) contained in this Terminal shall mean only that the IFM has been tested in accordance and for sufficient
conformance with the EMV Specifications, Version 3.1.1, as of the date of testing. EMVCo approval is not in any way an endorsement or warranty regarding
the completeness of the approval process or the functionality, quality or performance of any particular product or service. EMVCo does not warrant any
products or services provided by third parties, including, but not limited to, the producer or provider of the IFM and EMVCo approval does not under any
circumstances include or imply any product warranties from EMVCo, including, without limitation, any implied warranties of merchantability, fitness for pur-
pose, or noninfringement, all of which are expressly disclaimed by EMVCo. All rights and remedies regarding products and services which have received
EMVCo approval shall be provided by the party providing such products or services, and not by EMVCo and EMVCo accepts no liability whatsoever in
connection therewith.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
1/08
Initial release
—
In the Recommended DC Operating Conditions table, changed I/OIN, AUX1IN/AUX2IN
specs to reference VDD rather than VCC and corrected IOH to μA.
5
1
2/08
In the Pin Description, removed references to active low from the PRES description.
7
2
5/08
In the Recommended DC Operating Conditions table, clarified specifications of VTH2,
fINT, VCCSR, and IIL_IO.
2–5
3
4/10
Added the TSSOP package (see the Ordering Information, Pin Configuration, Selector
Guide, and Package Information sections); added the lead temperature and updated
the soldering temperature in the Absolute Maximum Ratings.
1, 2, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17