Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP6031-E/MS Fiches technique(PDF) 19 Page - Microchip Technology

No de pièce MCP6031-E/MS
Description  0.9 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031-E/MS Fiches technique(HTML) 19 Page - Microchip Technology

Back Button MCP6031-E/MS Datasheet HTML 15Page - Microchip Technology MCP6031-E/MS Datasheet HTML 16Page - Microchip Technology MCP6031-E/MS Datasheet HTML 17Page - Microchip Technology MCP6031-E/MS Datasheet HTML 18Page - Microchip Technology MCP6031-E/MS Datasheet HTML 19Page - Microchip Technology MCP6031-E/MS Datasheet HTML 20Page - Microchip Technology MCP6031-E/MS Datasheet HTML 21Page - Microchip Technology MCP6031-E/MS Datasheet HTML 22Page - Microchip Technology MCP6031-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22041B-page 19
MCP6031/2/3/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead MSOP
Example:
XXXXXX
YWWNNN
6031E
809256
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6033E
SN^^0809
256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
5-Lead SOT-23 (
MCP6031)
Example:
XXNN
EA25
Device
E-Temp
Code
MCP6031T-E/OT
EANN
Example:
ABV
809
25
8-Lead 2x3 DFN
(MCP6031 & MCP6033)
XXX
YWW
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34