| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6031-E/MS Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6031-E/MS Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 34 page ![]() MCP6031/2/3/4 DS22041B-page 14 © 2008 Microchip Technology Inc. 4.0 APPLICATION INFORMATION The MCP6031/2/3/4 family of op amps is manufactured using Microchip’s state-of-the-art CMOS process and is specifically designed for low-power, high precision applications. 4.1 Rail-to-Rail Input 4.1.1 PHASE REVERASAL The MCP6031/2/3/4 op amps are designed to prevent phase reversal when the input pins exceed the supply voltages. Figure 2-32 shows the input voltage exceed- ing the supply voltage without any phase reversal. 4.1.2 INPUT VOLTAGE AND CURRENT LIMITS The ESD protection on the inputs can be depicted as shown in Figure 4-1. This structure was chosen to protect the input transistors and to minimize input bias current (IB). The input ESD diodes clamp the inputs when they try to go more than one diode drop below VSS. They also clamp any voltage that go too far above VDD; their breakdown voltage is high enough to allow normal operation and low enough to bypass ESD events within the specified limits. FIGURE 4-1: Simplified Analog Input ESD Structures. In order to prevent damage and/or improper operation of these op amps, the circuit they are in must limit the voltages and currents at the VIN+ and VIN- pins (see Absolute Maximum Ratings at the beginning of Section 1.0 “Electrical Characteristics”). Figure 4-2 shows the recommended approach to protecting these inputs. The internal ESD diodes prevent the input pins (VIN+ and VIN-) from going too far below ground, and the resistors R1 and R2 limit the possible current drawn out of the input pins. Diodes D1 and D2 prevent the input pins (VIN+ and VIN-) from going too far above VDD. When implemented as shown, resistors R1 and R2 also limit the current through D1 and D2. FIGURE 4-2: Protecting the Analog Inputs. It is also possible to connect the diodes to the left of the resistors R1 and R2. In this case, the currents through the diodes D1 and D2 need to be limited by some other mechanism. The resistors then serve as in-rush current limiters; the DC currents into the input pins (VIN+ and VIN-) should be very small. A significant amount of current can flow out of the inputs when the common mode voltage (VCM) is below ground (VSS). 4.1.3 NORMAL OPERATION The input stage of the MCP6031/2/3/4 op amps uses two differential input stages in parallel. One operates at a low common mode input voltage (VCM), while the other operates at a high VCM. With this topology, the device operates with a VCM up to 300 mV above VDD and 300 mV below VSS. The input offset voltage is measured at VCM = VSS – 0.3V and VDD + 0.3V to ensure proper operation. There are two transitions in input behavior as VCM is changed. The first occurs, when VCM is near VSS + 0.4V, and the second occurs when VCM is near VDD – 0.5V. For the best distortion performance with non-inverting gains, avoid these regions of operation. Bond Pad Bond Pad Bond Pad VDD VIN+ VSS Input Stage Bond Pad VIN– V1 MCP603X R1 VDD D1 R1 > VSS – (minimum expected V1) 2mA R2 > VSS – (minimum expected V2) 2mA V2 R2 D2 R3 |