| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6031-E/MS Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6031-E/MS Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 34 page ![]() MCP6031/2/3/4 DS22041B-page 12 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, T A = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 1 MΩ to VL, CL = 60 pF and CS is tied low. FIGURE 2-37: Closed Loop Output Impedance vs. Frequency. FIGURE 2-38: Measured Input Current vs. Input Voltage (below VSS). 1 10 100 1000 10000 100000 1 10 100 1000 10000 100000 Frequency (Hz) GN: 101 V/V 11 V/V 1 V/V 100k 10k 1k 100 10 1 100k 10k 1k 100 10 1 1.00E-12 1.00E-11 1.00E-10 1.00E-09 1.00E-08 1.00E-07 1.00E-06 1.00E-05 1.00E-04 1.00E-03 1.00E-02 -1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 VIN (V) +125°C +85°C +25°C -40°C 10m 1m 100µ 10µ 1µ 100n 10n 1n 100p 10p 1p |