| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6031-E/MS Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6031-E/MS Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 34 page ![]() MCP6031/2/3/4 DS22041B-page 8 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, T A = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2, RL = 1 MΩ to VL, CL = 60 pF and CS is tied low. FIGURE 2-13: Quiescent Current vs Ambient Temperature. FIGURE 2-14: Quiescent Current vs. Power Supply Voltage with VCM = VDD. FIGURE 2-15: Quiescent Current vs. Power Supply Voltage with VCM = VSS. FIGURE 2-16: Open-Loop Gain, Phase vs. Frequency. FIGURE 2-17: DC Open-Loop Gain vs. Power Supply Voltage. FIGURE 2-18: DC Open-Loop Gain vs. Output Voltage Headroom. 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 -50 -25 0 255075 100 125 Ambient Temperature (°C) VDD = 5.5V @ VCM = VDD VDD = 1.8V @ VCM = VDD VDD = 5.5V @ VCM = VSS VDD = 1.8V @ VCM = VSS 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 Power Supply Voltage (V) VCM = VDD TA = +125°C TA = +85°C TA = +25°C TA = -40°C 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 Power Supply Voltage (V) VCM = VSS TA = +125°C TA = +85°C TA = +25°C TA = -40°C -20 0 20 40 60 80 100 120 0 0.01 0.1 1 10 100 100 0 100 00 1E+ 05 Frequency (Hz) -210 -180 -150 -120 -90 -60 -30 0 Open-Loop Gain Open-Loop Phase VDD = 5.5V 0.001 0.01 1k 10k 100k 80 85 90 95 100 105 110 115 120 125 130 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Power Supply Voltage VDD (V) RL = 50 kΩ VSS + 0.2V < VOUT < VDD - 0.2V 80 85 90 95 100 105 110 115 120 125 130 0.00 0.05 0.10 0.15 0.20 0.25 Output Voltage Headroom VDD - VOUT or VOUT - VSS (V) RL = 50 kΩ VDD = 5.5V VDD = 1.8V Large Signal AOL |