| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8218 Fiches technique(PDF) 115 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8218 Fiches technique(HTML) 115 Page - ams AG |
|
115 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 115 of 123 10. Parts List Designation Value Unit Description IC1 AS8218 or AS8228 Metering Integrated Circuits IC2 Up to 32kB SPI Bus EEPROM (selectable in binary steps) IC3 3.3 V Voltage regulator LE33CZ RSH 300 µOhm Shunt resistor (see ‘Analog Front End’) CT1 Current transformer R1 Resistor (see ‘Analog Front End’) R2 470 Ohm Resistor (see ‘Analog Front End’) R3 470 Ohm Resistor R4 680 Ohm Resistor R5 680 Ohm Resistor R6 680 Ohm Resistor R7 680 Ohm Resistor R8 680 Ohm Resistor R9 680 Ohm Resistor R10 4.7 Ohm Resistor (see ‘Analog Front End’) R11 680 Ohm Resistor R12 680 Ohm Resistor R13 470 Ohm Resistor C1 100 nF Capacitor C2 100 nF Capacitor C3 33 nF Capacitor C4 33 nF Capacitor C5 33 nF Capacitor C6 33 nF Capacitor C7 33 nF Capacitor C8 33 nF Capacitor C9 33 nF Capacitor C10 33 nF Capacitor C11 100 nF Capacitor C12 220 µF Capacitor C13 100 nF Capacitor C14 10 nF Capacitor C15 10 nF Capacitor C16 1.0 µF Capacitor C17 100 nF Capacitor |