| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8218 Fiches technique(PDF) 83 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8218 Fiches technique(HTML) 83 Page - ams AG |
|
83 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 83 of 123 Symbol Position Function Priority EA IE.7 1 Disables all interrupt when 0. If EA = 1 each interrupt is individually enabled due to its enable bit. ERTC IE.6 RTC real time clock, interrupt enable bit Lowest ES2 IE.5 UART2, serial port, interrupt enable bit ES IE.4 1 UART1, serial port, interrupt enable bit ESPI IE.3 SPI serial port, interrupt enable bit EIOX IE.2 MPIO external pin, interrupt enable bit ET0 IE.1 1 Timer 0, interrupt enable bit EDSP IE.0 DSP data available Highest Note: 1) Standard 8051 bits |