| Moteur de recherche de fiches techniques de composants électroniques |
|
AS8218 Fiches technique(PDF) 50 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8218 Fiches technique(HTML) 50 Page - ams AG |
|
50 / 123 page ![]() Data Sheet AS8218 / AS8228 Revision 3.0, 31-May-06 Page 50 of 123 LCDD Control (LCDD_CTRL) including Input and Config Registers In the control block of the LCD driver there are two registers. Each of these registers may contain data to be displayed. With a special bit (921Eh, bit 0), it is possible to select one of the two register banks for display. Each register defines the settings for the different segment and plane select lines. The following table specifies the allocation of the register bits: LSD0 LSD1 LSD2 LSD3 LSD4 LSD5 LSD6 LSD7 LSD8 LSD9 LBP0 reg[0] reg[4] reg[8] reg[12] reg[16] reg[20] reg[24] reg[28] reg[32] reg[36] LBP1 reg[1] reg[5] reg[9] reg[13] reg[17] reg[21] reg[25] reg[29] reg[33] reg[37] LBP2 reg[2] reg[6] reg[10] reg[14] reg[18] reg[22] reg[26] reg[30] reg[34] reg[38] LBP3 reg[3] reg[7] reg[11] reg[15] reg[19] reg[23] reg[27] reg[31] reg[35] reg[39] LSD10 LSD11 LSD12 LSD13 LSD14 LSD15 LSD16 LSD17 LSD18 LSD19 LBP0 reg[40] reg[44] reg[48] reg[52] reg[56] reg[60] reg[64] reg[68] reg[72] reg[76] LBP1 reg[41] reg[45] reg[49] reg[53] reg[57] reg[61] reg[65] reg[69] reg[73] reg[77] LBP2 reg[42] reg[46] reg[50] reg[54] reg[58] reg[62] reg[66] reg[70] reg[74] reg[78] LBP3 reg[43] reg[47] reg[51] reg[55] reg[59] reg[63] reg[67] reg[71] reg[75] reg[79] LSD20 LSD21 LSD22 LSD23 LBP0 reg[80] reg[84] reg[88] reg[92] LBP1 reg[81] reg[85] reg[89] reg[93] LBP2 reg[82] reg[86] reg[90] reg[94] LBP3 reg[83] reg[87] reg[91] reg[95] AS8228 only Notes: 1) Each of the register bits represents one of the segments of the digits or a decimal point or one of the annunciators. 2) reg[x]=0: Segment is turned off; reg[x]=1: Segment is turned on. |