Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8218 Fiches technique(PDF) 20 Page - ams AG

No de pièce AS8218
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8218 Fiches technique(HTML) 20 Page - ams AG

Back Button AS8218 Datasheet HTML 16Page - ams AG AS8218 Datasheet HTML 17Page - ams AG AS8218 Datasheet HTML 18Page - ams AG AS8218 Datasheet HTML 19Page - ams AG AS8218 Datasheet HTML 20Page - ams AG AS8218 Datasheet HTML 21Page - ams AG AS8218 Datasheet HTML 22Page - ams AG AS8218 Datasheet HTML 23Page - ams AG AS8218 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 20 of 123
ADC
v
ADC
i2
ADC
i1
Equ
Filter
Equ
Filter
Equ
Filter
HP
Filter
HP
Filter
HP
Filter
X
cal_v
Square
Accu
sos_v
X
cal_i1
Square
Accu
sos_i1
X
cal_i2
Square
Accu
sos_i2
iMux
vMux
sel_hp
sel_equ
Mux
sel_i
pcorr_i1
pcorr_i2
sel_i
sel_v
vconst
X
Mux
Mux
PLP
<0?
Abs
"0"
diro
sel_p
creep
P_ACCU
Fast
Pulse
Gen
Mux
pulselev_i1
pulselev_i2
sel_i
mconst
ledpol
np
nsamp
sel_v
LED
Pulse
Gen
LED
Registers
PD_DET
alarm
pddeton
Figure 3:
AFE block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More