| Moteur de recherche de fiches techniques de composants électroniques |
|
ATXMEGA64A1 Fiches technique(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA64A1 Fiches technique(HTML) 39 Page - ATMEL Corporation |
|
39 / 99 page ![]() 39 8067I–AVR–04/09 XMEGA A1 22. IRCOM - IR Communication Module 22.1 Features • Pulse modulation/demodulation for infrared communication • Compatible to IrDA 1.4 physical for baud rates up to 115.2 kbps • Selectable pulse modulation scheme – 3/16 of baud rate period – Fixed pulse period, 8-bit programmable – Pulse modulation disabled • Built in filtering • Can be connected to and used by one USART at a time 22.2 Overview XMEGA contains an Infrared Communication Module (IRCOM) for IrDA communication with baud rates up to 115.2 kbps. This supports three modulation schemes: 3/16 of baud rate period, fixed programmable pulse time based on the Peripheral Clock speed, or pulse modulation dis- abled. There is one IRCOM available which can be connected to any USART to enable infrared pulse coding/decoding for that USART. |