Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATXMEGA64A1 Fiches technique(PDF) 18 Page - ATMEL Corporation

No de pièce ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Fiches technique(HTML) 18 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 15Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 16Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 17Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 18Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 19Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 20Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 21Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 99 page
background image
18
8067I–AVR–04/09
XMEGA A1
Figure 9-1.
Event system block diagram.
The Event Routing Network can directly connect together ADCs, DACs, Analog Comparators
(ACx), I/O ports (PORTx), the Real-time Counter (RTC), Timer/Counters (T/C) and the IR Com-
munication Module (IRCOM). Events can also be generated from software (CPU).
All events from all peripherals are always routed into the Event Routing Network. This consist of
eight multiplexers where each can be configured in software to select which event to be routed
into that event channel. All eight event channels are connected to the peripherals that can use
events, and each of these peripherals can be configured to use events from one or more event
channels to automatically trigger a software selectable action.
ADCx
DACx
Event Routing
Network
PORTx
CPU
ACx
RTC
T/Cxn
DMAC
IRCOM
ClkSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99