Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATXMEGA64A1 Fiches technique(PDF) 32 Page - ATMEL Corporation

No de pièce ATXMEGA64A1
Description  8/16-bit XMEGA A1 Microcontroller
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64A1 Fiches technique(HTML) 32 Page - ATMEL Corporation

Back Button ATXMEGA64A1 Datasheet HTML 28Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 29Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 30Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 31Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 32Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 33Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 34Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA64A1 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
32
8067I–AVR–04/09
XMEGA A1
Figure 15-1. Overview of a Timer/Counter and closely related peripherals
The Hi-Resolution Extension can be enabled to increase the waveform generation resolution by
2 bits (4x). This is available for all Timer/Counters. See “Hi-Res - High Resolution Extension” on
page 34 for more details.
The Advanced Waveform Extension can be enabled to provide extra and more advanced fea-
tures for the Timer/Counter. This are only available for Timer/Counter 0. See “AWEX - Advanced
Waveform Extension” on page 33 for more details.
AWeX
Compare/Capture Channel D
Compare/Capture Channel C
Compare/Capture Channel B
Compare/Capture Channel A
Waveform
Generation
Buffer
Comparator
Fault
Protection
Capture
Control
Base Counter
Counter
Control Logic
Timer Period
Prescaler
DTI
Dead-Time
Insertion
Pattern
Generation
clkPER4
Event
System
clkPER
Timer/Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99