| Moteur de recherche de fiches techniques de composants électroniques |
|
ATXMEGA64A1 Fiches technique(PDF) 28 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA64A1 Fiches technique(HTML) 28 Page - ATMEL Corporation |
|
28 / 99 page ![]() 28 8067I–AVR–04/09 XMEGA A1 14.3.1 Push-pull Figure 14-1. I/O configuration - Totem-pole 14.3.2 Pull-down Figure 14-2. I/O configuration - Totem-pole with pull-down (on input) 14.3.3 Pull-up Figure 14-3. I/O configuration - Totem-pole with pull-up (on input) 14.3.4 Bus-keeper The bus-keeper’s weak output produces the same logical level as the last output level. It acts as a pull-up if the last level was ‘1’, and pull-down if the last level was ‘0’. INn OUTn DIRn Pn INn OUTn DIRn Pn INn OUTn DIRn Pn |