Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23018 Fiches technique(PDF) 45 Page - Microchip Technology

No de pièce MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Fiches technique(HTML) 45 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 41Page - Microchip Technology MCP23018 Datasheet HTML 42Page - Microchip Technology MCP23018 Datasheet HTML 43Page - Microchip Technology MCP23018 Datasheet HTML 44Page - Microchip Technology MCP23018 Datasheet HTML 45Page - Microchip Technology MCP23018 Datasheet HTML 46Page - Microchip Technology MCP23018 Datasheet HTML 47Page - Microchip Technology MCP23018 Datasheet HTML 48Page - Microchip Technology MCP23018 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 45
MCP23018/MCP23S18
24-Lead Plastic Quad Flat, No Lead Package (MJ) – 4x4x0.9 mm Body [QFN]
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56