Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23018 Fiches technique(PDF) 28 Page - Microchip Technology

No de pièce MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Fiches technique(HTML) 28 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 24Page - Microchip Technology MCP23018 Datasheet HTML 25Page - Microchip Technology MCP23018 Datasheet HTML 26Page - Microchip Technology MCP23018 Datasheet HTML 27Page - Microchip Technology MCP23018 Datasheet HTML 28Page - Microchip Technology MCP23018 Datasheet HTML 29Page - Microchip Technology MCP23018 Datasheet HTML 30Page - Microchip Technology MCP23018 Datasheet HTML 31Page - Microchip Technology MCP23018 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
MCP23018/MCP23S18
DS22103A-page 28
© 2008 Microchip Technology Inc.
1.6.10
PORT REGISTER
The GPIO register reflects the value on the port.
Reading from this register reads the port. Writing to this
register modifies the Output Latch (OLAT) register.
REGISTER 1-12:
GPIO – GENERAL PURPOSE I/O PORT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
GP7:GP0: Reflects the logic level on the pins <7:0>.
1
= Logic-high.
0
= Logic-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56