Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23018 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce MCP23018
Description  16-Bit I/O Expander with Open-Drain Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23018 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button MCP23018 Datasheet HTML 25Page - Microchip Technology MCP23018 Datasheet HTML 26Page - Microchip Technology MCP23018 Datasheet HTML 27Page - Microchip Technology MCP23018 Datasheet HTML 28Page - Microchip Technology MCP23018 Datasheet HTML 29Page - Microchip Technology MCP23018 Datasheet HTML 30Page - Microchip Technology MCP23018 Datasheet HTML 31Page - Microchip Technology MCP23018 Datasheet HTML 32Page - Microchip Technology MCP23018 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
© 2008 Microchip Technology Inc.
DS22103A-page 29
MCP23018/MCP23S18
1.6.11
OUTPUT LATCH REGISTER (OLAT)
The OLAT register provides access to the output
latches. A read from this register results in a read of the
OLAT and not the port itself. A write to this register
modifies the output latches that modifies the pins
configured as outputs.
REGISTER 1-13:
OLAT – OUTPUT LATCH REGISTER 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
OL7
OL6
OL5
OL4
OL3
OL2
OL1
OL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
OL7:OL0: Reflects the logic level on the output latch <7:0>.
1
= Logic-high.
0
= Logic-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56