| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP23018 Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23018 Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 56 page ![]() © 2008 Microchip Technology Inc. DS22103A-page 21 MCP23018/MCP23S18 1.6.4 DEFAULT COMPARE REGISTER FOR INTERRUPT-ON-CHANGE The default comparison value is configured in the DEFVAL register. If enabled (via GPINTEN and INT- CON) to compare against the DEFVAL register, an opposite value on the associated pin will cause an interrupt to occur. REGISTER 1-6: DEFVAL – DEFAULT VALUE REGISTER R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 DEF7 DEF6 DEF5 DEF4 DEF3 DEF2 DEF1 DEF0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 DEF7:DEF0: Sets the compare value for pins configured for interrupt-on-change from defaults <7:0>. Refer to INTCON. If the associated pin level is the opposite from the register bit, an interrupt occurs. Refer to INTCON and GPINTEN. |